|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
a FEATURES Eight 12-Bit DACs in One Package 4-Quadrant Multiplication Separate References Single +5 V Supply Low Power: 1 mW Versatile Serial Interface Simultaneous Update Capability Reset Function 44-Pin PQFP and PLCC APPLICATIONS Process Control Automatic Test Equipment General Purpose Instrumentation GENERAL DESCRIPTION VDD AGND DGND LC2MOS Octal 12-Bit DAC AD7568 FUNCTIONAL BLOCK DIAGRAM VREF D VREF C VREF B VREF A R FB A AD7568 INPUT LATCH A 12 DAC A LATCH 12 DAC A I OUT1A I OUT2A RFB B INPUT LATCH B 12 DAC B LATCH 12 DAC B I OUT1B IOUT2 B RFB C INPUT LATCH C 12 DAC C LATCH 12 DAC C I OUT1C I OUT2C R FBD INPUT LATCH D 12 DAC D LATCH 12 DAC D I OUT1D IOUT2 D RFB E INPUT LATCH E 12 DAC E LATCH 12 DAC E I OUT1E I OUT2E RFB F INPUT LATCH F 12 DAC F LATCH 12 DAC F IOUT1 F IOUT2 F RFB G INPUT LATCH G 12 DAC G LATCH 12 DAC G I OUT1G I OUT2G R FBH INPUT LATCH H 12 DAC H LATCH 12 DAC H I OUT1H I OUT2H The AD7568 contains eight 12-bit DACs in one monolithic device. The DACs are standard current output with separate VREF, IOUT1, IOUT2 and RFB terminals. The AD7568 is a serial input device. Data is loaded using FSIN, CLKIN and SDIN. One address pin, A0, sets up a device address, and this feature may be used to simplify device loading in a multi-DAC environment. All DACs can be simultaneously updated using the asynchronous LDAC input and they can be cleared by asserting the asynchronous CLR input. The AD7568 is housed in a space-saving 44-pin plastic quad flatpack and 44-lead PLCC. PIN CONFIGURATIONS Plastic Quad Flatpack 35 IOUT1 D 34 IOUT2 D 44 I OUT2E 43 I OUT1E 41 VREF E 37 VREF D 39 DGND 38 AGND 36 R FB D 42 R FB E 40 VDD FSIN CLKIN SDIN CONTROL LOGIC + INPUT SHIFT REGISTER 12 A0 SDOUT LDAC CLR VREF E VREF F VREF G VREF H Plastic Leaded Chip Carrier IOUT1 E VREF E DGND AGND VREF D RFB D IOUT1 D IOUT2 D 39 NC 38 VREF C 37 RFB C 36 IOUT1 C 35 IOUT2 C 34 VREF B 33 RFB B 32 IOUT1 B 31 IOUT2 B 30 VREF A 29 RFB A 18 19 20 21 22 23 24 25 26 27 28 IOUT2 E RFB E 6 NC 1 VREF F 2 R FB F 3 IOUT1 F 4 IOUT2 F 5 VREF G 6 R FB G 7 IOUT1 G 8 IOUT2 G 9 VREF H 10 R FB H 11 5 4 VDD 2 3 1 44 43 42 41 40 PIN 1 IDENTIFIER 33 NC 32 VREF C 31 R FB C NC VREF F RFB F 7 8 9 AD7568 PQFP AD7568 TOP VIEW TOP VIEW Not to Scale (Not to Scale) 30 I OUT1 C 29 IOUT2 C 28 VREF B 27 R FB B 26 I OUT1 B 25 IOUT2 B 24 VREF A 23 R FB A IOUT1 F 10 IOUT2 F 11 VREF G 12 RFB G 13 IOUT1 G 14 IOUT2 G 15 VREF H 16 AD7568 PLCC TOP VIEW (Not to Scale) I OUT2H 13 I OUT1 H 12 SDOUT 14 CLR 15 FSIN 17 SDIN 18 I OUT2 A 21 I OUT1 A 22 CLKIN 19 LDAC 16 A0 20 RFB H 17 IOUT2 A IOUT1 H IOUT2 H REV. B NC = NO CONNECT SDOUT NC = NO CONNECT Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703 IOUT1 A SDIN FSIN CLKIN CLR LDAC A0 AD7568-SPECIFICATIONS1 unless otherwise noted) Parameter ACCURACY Resolution Relative Accuracy Differential Nonlinearity Gain Error +25C TMIN to TMAX Gain Temperature Coefficient Output Leakage Current IOUT1 @ +25C TMIN to TMAX REFERENCE INPUT Input Resistance Ladder Resistance Mismatch DIGITAL INPUTS VINH, Input High Voltage VINL, Input Low Voltage IINH, Input Current CIN, Input Capacitance POWER REQUIREMENTS VDD Range Power Supply Sensitivity Gain/VDD IDD AD7568B2 12 0.5 0.9 4 5 2 5 Units Bits LSB max LSB max LSBs max LSBs max ppm FSR/C typ ppm FSR/C max (VDD = +4.75 V to +5.25 V; IOUT1 = IOUT2 = O V; VREF = +5 V; TA = TMIN to TMAX, Test Conditions/Comments 1 LSB = VREF/212 = 1.22 mV when VREF = 5 V All Grades Guaranteed Monotonic over Temperature 10 200 5 9 2 2.4 0.8 1 10 4.75/5.25 -75 300 3.5 nA max nA max k min k max % max V min V max A max pF max V min/V max dB typ A max mA max See Terminology Section Typical Input Resistance = 7 k Typically 0.6% VINH = 4.0 V min, VINL = 0.4 V max VINH = 2.4 V min, VINL = 0.8 V max AC PERFORMANCE CHARACTERISTICS to test. DAC output op amp is AD843.) Parameter DYNAMIC PERFORMANCE Output Voltage Settling Time Digital to Analog Glitch Impulse Multiplying Feedthrough Error Output Capacitance Channel-to-Channel Isolation Digital Crosstalk Digital Feedthrough Total Harmonic Distortion Output Noise Spectral Density @ 1 kHz AD7568B2 500 40 -66 60 30 -76 40 40 -83 20 Units ns typ nV-s typ dB max pF max pF max dB typ nV-s typ nV-s typ dB typ nV/Hz (These characteristics are included for Design Guidance and are not subject Test Conditions/Comments To 0.01% of Full-Scale Range. DAC Latch Alternately Loaded with All 0s and All 1s. Measured with VREF = 0 V. DAC Register Alternately Loaded with All 0s and All 1s. VREF = 20 V pk-pk, 10 kHz Sine Wave. DAC Latch Loaded with All 0s. All 1s Loaded to DAC. All 0s Loaded to DAC. Feedthrough from Any One Reference to the Others with 20 V pk-pk, 10 kHz Sine Wave Applied. Effect of all 0s to all 1s Code Transition on Nonselected DACs. Feedthrough to Any DAC Output with FSIN High and Square Wave Applied to SDIN and SCLK. VREF = 6 V rms, 1 kHz Sine Wave. All 1s Loaded to the DAC. VREF = 0 V. Output Op Amp is AD OP07. NOTES 1 Temperature range as follows: B Version: -40C to +85C. 2 All specifications also apply for V REF = +10 V, except relative accuracy which degrades to 1 LSB. Specifications subject to change without notice. -2- REV. B AD7568 TIMING SPECIFICATIONS (V Parameter t1 t2 t3 t4 t5 t6 t7 t8 2 t9 Limit at TA = +25 C 100 40 40 30 30 5 90 70 40 DD = +5 V 5%; IOUT1 = IOUT2 = 0 V; TA = TMIN to TMAX, unless otherwise noted) Units ns min ns min ns min ns min ns min ns min ns min ns max ns min Description CLKIN Cycle Time CLKIN High Time CLKIN Low Time FSIN Setup Time Data Setup Time Data Hold Time FSIN Hold Time SDOUT Valid After CLKIN Falling Edge LDAC, CLR Pulse Width Limit at TA = -40 C to +85 C 100 40 40 30 30 5 90 70 40 NOTES 1 Sample tested at +25C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V. 2 t8 is measured with the load circuit of Figure 2 and defined as the time required for the output to cross 0.8 V or 2.4 V. t1 CLKIN (I) t4 FSIN (I) t2 t3 t7 t6 SDIN (I) DB15 t5 DB0 t8 SDOUT (O) DB15 DB0 t9 LDAC, CLR NOTES 1. AO IS HARDWIRED HIGH OR LOW. Figure 1. Timing Diagram 1.6mA I OL ORDERING GUIDE TO OUTPUT PIN +2.1V CL 50pF Model AD7568BS AD7568BP Temperature Range -40C to +85C -40C to +85C Linearity Error (LSBs) 0.5 0.5 Package Option* S-44 P-44A 200A I OH *S = Plastic Quad Flatpack (PQFP), P = Plastic Leaded Chip Carrier (PLCC). Figure 2. Load Circuit for Digital Output Timing Specifications REV. B -3- AD7568 ABSOLUTE MAXIMUM RATINGS 1 (TA = +25C unless otherwise noted) VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +6 V IOUT1 to DGND . . . . . . . . . . . . . . . . . . . -0.3 V to VDD +0.3 V IOUT2 to DGND . . . . . . . . . . . . . . . . . . . -0.3 V to VDD +0.3 V Digital Input Voltage to DGND . . . . . . -0.3 V to VDD +0.3 V VRFB, VREF to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . 15 V Input Current to Any Pin Except Supplies2 . . . . . . . . 10 mA Operating Temperature Range Commercial Plastic (B Versions) . . . . . . . . -40C to +85C Storage Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300C Power Dissipation (Any Package) to +75C . . . . . . . . 250 mW Derates above +75C by . . . . . . . . . . . . . . . . . . . . 10 mW/C NOTES 1 Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Transient currents of up to 100 mA will not cause SCR latch-up. CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7568 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE PIN DESCRIPTION Pin VDD DGND AGND VREFA - VREFH RFBA - RFBH IOUTA - IOUTH AGND CLKIN FSIN Description Positive power supply. This is +5 V 5%. Digital Ground. Analog Ground. DAC reference inputs. DAC feedback resistor pins. DAC current output terminals. This pin connects to the back gates of the current steering switches. It should be connected to the signal ground of the system. Clock Input. Data is clocked into the input shift register on the falling edges of CLKIN. Level-triggered control input (active low). This is the frame synchronization signal for the input data. When FSIN goes low, it enables the input shift register, and data is transferred on the falling edges of CLKIN. If the address bit is valid, the 12-bit DAC data is transferred to the appropriate input latch on the sixteenth falling edge after FSIN goes low. Serial data input. The device accepts a 16-bit word. The first bit (DB15) is the DAC MSB, with the remaining bits following. Next comes the device address bit, A0. If this does not correspond to the logic level on pin A0, the data is ignored. Finally come the three DAC select bits. These determine which DAC in the device is selected for loading. This shift register output allows multiple devices to be connected in a daisy chain configuration. Device address pin. This input gives the device an address. If DB3 of the serial input stream does not correspond to this, the data which follows is ignored and not loaded to any input latch. However it will appear at SDOUT irrespective of this. Asynchronous LDAC input. When this input is taken low, all DAC latches are simultaneously updated with the contents of the input latches. Asynchronous CLR input. When this input is taken low, all DAC latch outputs go to zero. SDIN SDOUT A0 LDAC CLR -4- REV. B AD7568 TERMINOLOGY Relative Accuracy Output Voltage Settling Time Relative Accuracy or endpoint linearity is a measure of the maximum deviation from a straight line passing through the endpoints of the DAC transfer function. It is measured after adjusting for zero error and full-scale error and is normally expressed in Least Significant Bits or as a percentage or full-scale reading. Differential Nonlinearity This is the amount of time it takes for the output to settle to a specified level for a full-scale input change. For the AD7568, it is specified with the AD843 as the output op amp. Digital to Analog Glitch Impulse Differential nonlinearity is the difference between the measured change and the ideal 1 LSB change between any two adjacent codes. A specified differential nonlinearity of 1 LSB maximum ensures monotonicity. Gain Error This is the amount of charge injected into the analog output when the inputs change state. It is normally specified as the area of the glitch in either pA-secs or nV-secs, depending upon whether the glitch is measured as a current or voltage signal. It is measured with the reference input connected to AGND and the digital inputs toggled between all 1s and all 0s. AC Feedthrough Error Gain Error is a measure of the output error between an ideal DAC and the actual device output. It is measured with all 1s in the DAC after offset error has been adjusted out and is expressed in Least Significant Bits. Gain error is adjustable to zero with an external potentiometer. Output Leakage Current This is the error due to capacitive feedthrough from the DAC reference input to the DAC IOUT terminal, when all 0s are loaded in the DAC. Channel-to-Channel Isolation Channel-to-channel isolation refers to the proportion of input signal from one DAC's reference input which appears at the output of any other DAC in the device and is expressed in dBs. Digital Crosstalk Output leakage current is current which flows in the DAC ladder switches when these are turned off. For the IOUT1 terminal, it can be measured by loading all 0s to the DAC and measuring the IOUT1 current. Minimum current will flow in the IOUT2 line when the DAC is loaded with all 1s. This is a combination of the switch leakage current and the ladder termination resistor current. The IOUT2 leakage current is typically equal to that in IOUT1. Output Capacitance The glitch impulse transferred to the output of one converter due to a change in digital input code to the other converter is defined as the Digital Crosstalk and is specified in nV-secs. Digital Feedthrough When the device is not selected, high frequency logic activity on the device digital inputs is capacitively coupled through the device to show up as noise on the IOUT pin and subsequently on the op amp output. This noise is digital feedthrough. This is the capacitance from the IOUT1 pin to AGND. Table I. AD7568 Loading Sequence DB15 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 A0 DS2 DS1 DB0 DS0 Table II. DAC Selection DS2 0 0 0 0 1 1 1 1 DS1 0 0 1 1 0 0 1 1 DS0 0 1 0 1 0 1 0 1 Function DAC A Selected DAC B Selected DAC C Selected DAC D Selected DAC E Sclected DAC F Selected DAC G Sclected DAC H Selected REV. B -5- AD7568 -Typical Performance Curves 5.5 5.0 4.5 4.0 DNL - LSBs 3.5 I DD - mA I DD - mA 2 V DD = +5V TA = +25C V DD = +5V 1.0 0.9 0.8 0.7 VDD = +5V TA = +25C VIH = +2.4V 1 0.6 0.5 0.4 0.3 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0.0 1.0 2.0 3.0 4.0 5.0 VIH = +4V 0.2 0.1 0 -40 -15 10 35 60 85 0.0 2.0 4.0 6.0 V REF - Volts 8.0 10.0 DIGITAL INPUT - Volts TEMPERATURE - C Figure 3. Supply Current vs. Logic Input Voltage Figure 4. Supply Current vs. Temperature Figure 5. Differential Nonlinearity Error vs. VREF 1.0 0.9 0.8 0.7 INL - LSBs 0.6 0.5 0.4 0.3 0.2 0.1 0.0 2.0 V DD = +5V TA = +25C 1.0 VREF = +10V VDD = +5V TA = +25C THD - dBs -50 -55 -60 -65 -70 -75 -80 -85 V DD = +5V TA = +25C V IN = 6V rms OP AMP = AD713 0.8 INL SPREAD - LSBs 0.6 0.4 0.2 -90 -95 0.0 4.0 6.0 V REF - Volts 8.0 10.0 0 2048 DIGITAL CODE 4095 -100 10 2 10 4 10 3 FREQUENCY - Hz 10 5 Figure 6. Integral Nonlinearity Error vs. VREF Figure 7. Typical DAC to DAC Linearity Matching Figure 8. Total Harmonic Distortion vs. Frequency 0 -10 VREF C = 20V pk-pk SINE WAVE ALL OTHER REFERENCE INPUTS GROUNDED DAC C LOADED WITH ALL 1s ALL OTHER DACs LOADED WITH ALL 0s 0 -10 -20 VOUT B/VOUT C - dBs VREF B GROUNDED ALL OTHER REFERENCE INPUTS = 20V pk-pk SINE WAVE DAC B LOADED WITH ALL 0s ALL OTHER DACs LOADED WITH ALL 1s 5V 100 90 200ns VOUT B/VOUT C - dBs VDD = +5V TA = +25C VREF = +10V OP AMP = AD713 -20 -30 -40 -50 -60 -70 -80 DIGITAL INPUTS -30 -40 -50 -60 -70 -80 -90 AD713 OUTPUT 10 0% 50mV 200ns -90 -100 10 3 10 4 10 5 FREQUENCY - Hz 10 6 -100 10 3 10 4 10 5 FREQUENCY - Hz 10 6 Figure 9. Digital-to-Analog Glitch Impulse Figure 10. Channel-to-Channel Isolation (1 DAC to 1 DAC) Figure 11. Channel-to-Channel Isolation (1 DAC to All Other DACs) -6- REV. B AD7568 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 10 3 10 4 10 5 10 6 107 DAC LOADED WITH ALL 0s DAC LOADED WITH ALL 1s Interface Section V DD = +5V TA = +25C V IN = 20V pk-pk OP AMP = AD713 The AD7568 is a serial input device. Three lines control the serial interface, FSIN, CLKIN and SDIN. The timing diagram is shown in Figure 1. When the FSIN input goes low, data appearing on the SDIN line is clocked into the input shift register on each falling edge of CLKIN. When sixteen bits have been received, the register loading is automatically disabled until the next falling edge of FSIN detected. Also, the received data is clocked out on the next rising edge of CLKIN and appears on the SDOUT pin. This feature allows several devices to be connected together in a daisy chain fashion. When the sixteen bits have been received in the input shift register, DB3 (A0) is checked to see if it corresponds to the state of pin A0. If it does, then the word is accepted. Otherwise, it is disregarded. This allows the user to address one of two AD7568s in a very simple fashion. DB0 to DB2 of the 16-bit word determine which of the eight DAC input latches is to be loaded. When the LDAC line goes low, all eight DAC latches in the device are simultaneously loaded with the contents of their respective input latches, and the outputs change accordingly. Bringing the CLR line low resets the DAC latches to all 0s. The input latches are not affected, so that the user can revert to the previous analog output if desired. CLKIN FSIN SDIN 16-BIT INPUT SHIFT REGISTER SDOUT Figure 12. Multiplying Frequency Response vs. Digital Code GENERAL DESCRIPTION D/A Section The AD7568 contains eight 12-bit current-output D/A converters. A simplified circuit diagram for one of the D/A converters is shown in Figure 13. A segmented scheme is used whereby the 2 MSBs of the 12-bit data word are decoded to drive the three switches A, B and C. The remaining 10 bits of the data word drive the switches S0 to S9 in a standard R-2R ladder configuration. Each of the switches A to C steers 1/4 of the total reference current with the remaining current passing through the R-2R section. Each DAC in the device has separate VREF, IOUT1, IOUT2 and RFB pins. This makes the device extremely versatile and allows DACs in the same device to be configured differently. When an output amplifier is connected in the standard configuration of Figure 15, the output voltage is given by: VOUT = -D*VREF where D is the fractional representation of the digital word loaded to the DAC. Thus, in the AD7568, D can be set from 0 to 4095/4096. V REF R R R Figure 14. Input Logic 2R C B 2R A 2R S9 2R S8 2R 2R S9 2R R/2 R FB I OUT1 I OUT2 SHOWN FOR ALL 1s ON DAC Figure 13. Simplified D/A Circuit Diagram REV. B -7- AD7568 UNIPOLAR BINARY OPERATION (2-Quadrant Multiplication) R4 R2 10 R FB A R1 20 V IN DAC A VREF A I OUT1 A C1 R3 A1 I OUT2 A SIGNAL GND 10k A2 VOUT 20k R5 20k Figure 15 shows the standard unipolar binary connection diagram for one of the DACs in the AD7568. When VIN is an ac signal, the circuit performs 2-quadrant multiplication. Resistors R1 and R2 allow the user to adjust the DAC gain error. Offset can be removed by adjusting the output amplifier offset voltage. A1 should be chosen to suit the application. For example, the AD OP07 or OP177 are ideal for very low bandwidth applications while the AD843 and AD845 offer very fast settling time in wide bandwidth applications. Appropriate multiple versions of these amplifiers can be used with the AD7568 to reduce board space requirements. The code table for Figure 15 is shown in Table III. R2 10 RFB A R1 20 VIN DAC A VREF A I OUT1 A C1 VOUT A1 I OUT2 A AD7568 NOTES 1. ONLY ONE DAC IS SHOWN FOR CLARITY. 2. DIGITAL INPUT CONNECTIONS ARE OMITTED. 3. C1 PHASE COMPENSATION (5-15pF) MAY BE REQUIRED WHEN USING HIGH SPEED AMPLIFIER, A1. Figure 16. Bipolar Operation (4-Quadrant Multiplication) Table IV. Bipolar (Offset Binary) Code Table Digital Input MSB . . . . . LSB 1111 1111 1111 1000 0000 0001 1000 0000 0000 0111 1111 1111 0000 0000 0001 0000 0000 0000 Analog Output (VOUT As Shown in Figure 16) +VREF (2047/2048) +VREF (1/2048) +VREF (0/2048) = 0 -VREF (1/2048) -VREF (2047/2048) -VREF (2048/2048) = -VREF A1: OP-177 SIGNAL ADOP-07 GND AD711 AD843 NOTES AD845 1. ONLY ONE DAC IS SHOWN FOR CLARITY. 2. DIGITAL INPUT CONNECTIONS ARE OMITTED. 3. C1 PHASE COMPENSATION (5-15pF) MAY BE REQUIRED WHEN USING HIGH SPEED AMPLIFIER, A1. AD7568 Figure 15. Unipolar Binary Operation Table III. Unipolar Binary Code Table NOTE Nominal LSB size for the circuit of Figure 16 is given by: VREF (1/2048). SINGLE SUPPLY CIRCUITS Digital Input MSB.........LSB 1111 1111 1111 1000 0000 0001 1000 0000 0000 0111 1111 1111 0000 0000 0001 0000 0000 0000 Analog Output (VOUT As Shown in Figure 15) -VREF (4095/4096) -VREF (2049/4096) -VREF (2048/4096) -VREF (2047/4096) -VREF (1/4096) -VREF (0/4096) = 0 The AD7568 operates from a single +5 V supply, and this makes it ideal for single supply systems. When operating in such a system, it is not possible to use the standard circuits of Figures 15 and 16 since these invert the analog input, VIN. There are two alternatives. One of these continues to operate the DAC as a current-mode device, while the other uses the voltage switching mode. RFB A V IN DAC A V REF A I OUT1 A A1 I OUT2 A VOUT NOTE Nominal LSB size for the circuit of Figure 15 is given by: VREF (1/4096). AD7568 BIPOLAR OPERATION (4-Quadrant Multiplication) Figure 16 shows the standard connection diagram for bipolar operation of any one of the DACs in the AD7568. The coding is offset binary as shown in Table IV. When VIN is an ac signal, the circuit performs 4-quadrant multiplication. To maintain the gain error specifications, resistors R3, R4 and R5 should be ratio matched to 0.01%. VBIAS NOTES 1. ONLY ONE DAC IS SHOWN FOR CLARITY. 2. DIGITAL INPUT CONNECTIONS ARE OMITTED. 3. C1 PHASE COMPENSATION (5-15pF) MAY BE REQUIRED WHEN USING HIGH SPEED AMPLIFIER, A1. Figure 17. Single Supply Current-Mode Operation -8- REV. B AD7568 Current Mode Circuit R1 R2 In the current mode circuit of Figure 17, IOUT2, and hence IOUT1, is biased positive by an amount VBIAS. For the circuit to operate correctly, the DAC ladder termination resistor must be connected internally to IOUT2. This is the case with the AD7568. The output voltage is given by: R FB A V IN I OUT1 A I OUT2 A DAC A V REF A A1 VOUT V OUT = D R FB (V BIAS -V IN ) +V BIAS R DAC { } AD7568 NOTES 1) ONLY ONE DAC IS SHOWN FOR CLARITY. 2) DIGITAL INPUT CONNECTIONS ARE OMITTED. 3) C1 PHASE COMPENSATION (5-15pF) MAY BE REQUIRED WHEN USING HIGH SPEED AMPLIFIER, A1. As D varies from 0 to 4095/4096, the output voltage varies from VOUT = VBIAS to VOUT = 2 VBIAS - VIN. VBIAS should be a low impedance source capable of sinking and sourcing all possible variations in current at the IOUT2 terminal without any problems. Voltage Mode Circuit Figure 18. Single Supply Voltage Switching Mode Operation APPLICATIONS Programmable State Variable Filter Figure 18 shows DAC A of the AD7568 operating in the voltage-switching mode. The reference voltage, VIN is applied to the IOUT1 pin, IOUT2 is connected to AGND and the output voltage is available at the VREF terminal. In this configuration, a positive reference voltage results in a positive output voltage making single supply operation possible. The output from the DAC is a voltage at a constant impedance (the DAC ladder resistance). Thus, an op amp is necessary to buffer the output voltage. The reference voltage input no longer sees a constant input impedance, but one which varies with code. So, the voltage input should be driven from a low impedance source. It is important to note that VIN is limited to low voltages because the switches in the DAC no longer have the same sourcedrain voltage. As a result, their on-resistance differs and this degrades the integral linearity of the DAC. Also, VIN must not go negative by more than 0.3 volts or an internal diode will turn on, causing possible damage to the device. This means that the full-range multiplying capability of the DAC is lost. The AD7568 with its multiplying capability and fast settling time is ideal for many types of signal conditioning applications. The circuit of Figure 19 shows its use in a state variable filter design. This type of filter has three outputs: low pass, high pass and bandpass. The particular version shown in Figure 19 uses one half of an AD7568 to control the critical parameters f0, Q and A0. Instead of several fixed resistors, the circuit uses the DAC equivalent resistances as circuit elements. Thus, R1 in Figure 19 is controlled by the 12-bit digital word loaded to DAC A of the AD7568. This is also the case with R2, R3 and R4. The fixed resistor R5 is the feedback resistor, RFBB. DAC Equivalent Resistance, REQ = (RLADDER where: RLADDER is the DAC ladder resistance. N is the DAC Digital Code in Decimal (0 < N < 4096). C3 10pF 4096)/N R8 30k R7 30k HIGH PASS OUTPUT C1 1000pF C1 1000pF LOW PASS OUTPUT R6 10k A1 A1 A2 A3 I OUT1 A VIN VREF A DAC A (R1) I OUT1 B RFB B VREF B VREF C I OUT1 C VREF D DAC D (R4) I OUT1 D BAND PASS OUTPUT DAC B (R2) DAC C (R3) 1/2 x AD7568 I OUT2 A I OUT2 B I OUT2 C I OUT2 D NOTES 1. A1, A2, A3, A4: 1/4 x AD713 2. DIGITAL INPUT CONNECTIONS ARE OMITTED. 3. C3 IS A COMPENSATION CAPACITOR TO ELIMINATE Q AND GAIN VARIATIONS CAUSED BY AMPLIFIER GAIN BANDWIDTH LIMITATIONS. Figure 19. Programmable 2nd Order State Variable Filter REV. B -9- AD7568 In the circuit of Figure 19: C1 = C2, R7 = R8, R3 = R4 (i.e., the same code is loaded to each DAC). Resonant frequency, f0 = 1/(2R3C1). Quality Factor, Q = (R6/R8)*(R2/R5). Bandpass Gain, A0 = -R2/R1. Using the values shown in Figure 19, the Q range is 0.3 to 5, and the f0 range is 0 to 12 kHz. APPLICATION HINTS Output Offset the data word transmitted to the AD7568 corresponds to the loading sequence shown in Table I. When data is to be transmitted to the part, P3.3 is taken low. Data on RXD is valid on the falling edge of TXD. The 80C51 transmits its serial data in 8-bit bytes with only eight falling clock edges occurring in the transmit cycle. To load data to the AD7568, P3.3 is left low after the first eight bits are transferred, and a second byte of data is then transferred serially to the AD7568. When the second serial transfer is complete, the P3.3 line is taken high. Note that the 80C51 outputs the serial data byte in a format which has the LSB first. The AD7568 expects the MSB first. The 80C51 transmit routine should take this into account. 80C51* AD7568* CMOS D/A converters in circuits such as Figures 15, 16 and 17 exhibit a code dependent output resistance which in turn can cause a code dependent error voltage at the output of the amplifier. The maximum amplitude of this error, which adds to the D/A converter nonlinearity, depends on VOS, where VOS is the amplifier input offset voltage. For the AD7568 to maintain specified accuracy with VREF at 10 V, it is recommended that VOS be no greater than 500 V, or (50 10-6)*(VREF), over the temperature range of operation. Suitable amplifiers include the AD OP07, AD OP27, OP177, AD711, AD845 or multiple versions of these. Temperature Coefficients P3.5 P3.4 P3.3 TXD RXD CLR LDAC FSIN SCLK SDIN *ADDITIONAL PINS OMITTED FOR CLARITY The gain temperature coefficient of the AD7568 has a maximum value of 5 ppm/C and a typical value of 2 ppm/C. This corresponds to gain shifts of 2 LSBs and 0.8 LSBs respectively over a 100C temperature range. When trim resistors R1 and R2 are used to adjust full-scale in Figures 15 and 16, their temperature coefficients should be taken into account. For further information see "Gain Error and Gain Temperature Coefficient of CMOS Multiplying DACs," Application Note, Publication Number E630c-5-3/86, available from Analog Devices. High Frequency Considerations Figure 20. AD7568 to 80C51 Interface LDAC and CLR on the AD7568 are also controlled by 80C51 port outputs. The user can bring LDAC low after every two bytes have been transmitted to update the DAC which has been programmed. Alternatively, it is possible to wait until all the input registers have been loaded (sixteen byte transmits) and then update the DAC outputs. AD7568-68HC11 Interface The output capacitances of the AD7568 DACs work in conjunction with the amplifier feedback resistance to add a pole to the open loop response. This can cause ringing or oscillation. Stability can be restored by adding a phase compensation capacitor in parallel with the feedback resistor. This is shown as C1 in Figures 15, 16 and 17. MICROPROCESSOR INTERFACING AD7568-80C51 Interface Figure 21 shows a serial interface between the AD7568 and the 68HC11 microcontroller. SCK of the 68HC11 drives SCLK of the AD7568, while the MOSI output drives the serial data line of the AD7568. The FSIN signal is derived from a port line (PC7 shown). For correct operation of this interface, the 68HC11 should be configured such that its CPOL bit is a 0 and its CPHA bit is a 1. When data is to be transmitted to the part, PC7 is taken low. When the 68HC11 is configured like this, data on MOSI is valid on the falling edge of SCK. The 68HC11 transmits its serial data in 8-bit bytes (MSB first), with only eight falling clock edges occurring in the transmit cycle. To load data to the AD7568, PC7 is left low after the first eight bits are transferred, and a second byte of data is then transferred serially to the AD7568. When the second serial transfer is complete, the PC7 line is taken high. A serial interface between the AD7568 and the 80C51 microcontroller is shown in Figure 20. TXD of the 80C51 drives SCLK of the AD7568 while RXD drives the serial data line of the part. The FSIN signal is derived from the port line P3.3. The 80C51 provides the LSB of its SBUF register as the first bit in the serial data stream. Therefore, the user will have to ensure that the data in the SBUF register is arranged correctly so that -10- REV. B AD7568 68HC11* AD7568* TMS320C25* +5V AD7568* PC5 PC6 PC7 SCK MOSI CLR LDAC FSIN CLKIN SDIN CLR XF FSX DX CLKX LDAC FSIN SDIN CLKIN *ADDITIONAL PINS OMITTED FOR CLARITY CLOCK GENERATION *ADDITIONAL PINS OMITTED FOR CLARITY Figure 21. AD7568 to 68HC11 Interface In Figure 21, LDAC and CLR are controlled by the PC6 and PC5 port outputs. As with the 80C51, each DAC of the AD7568 can be updated after each two-byte transfer, or else all DACs can be simultaneously updated. AD7568-ADSP-2101 Interface Figure 23. AD7568 to TMS320C25 Interface with the MSB, is then shifted out to the DX pin on the rising edge of CLKX. When all bits have been transmitted, the user can update the DAC outputs by bringing the XF output flag low. Multiple DAC Systems Figure 22 shows a serial interface between the AD7568 and the ADSP-2101 digital signal processor. The ADSP-2101 may be set up to operate in the SPORT Transmit Normal Internal Framing Mode. The following ADSP-2101 conditions are recommended: Internal SCLK; Active High Framing Signal; 16-bit word length. Transmission is initiated by writing a word to the TX register after the SPORT has been enabled. The data is then clocked out on every rising edge of SCLK after TFS goes low. TFS stays low until the next data transfer. ADSP-2101* +5V If there are only two AD7568s in a system, there is a simple way of programming each. This is shown in Figure 24. If the user wishes to program one of the DACs in the first AD7568, then DB3 of the serial bit stream should be set to 0, to correspond to the state of the A0 pin on that device. If the user wishes to program a DAC in the second AD7568, then DB3 should be set to 1, to correspond to A0 on that device. ADSP-2101* AD7568* A0 +5V CLR LDAC FSIN SDIN CLKIN AD7568* CLR FO TFS DT SCLK LDAC FO TFS FSIN SDIN DT SCLK CLKIN *ADDITIONAL PINS OMITTED FOR CLARITY AD7568* Figure 22. AD7568 to ADSP-2101 Interface AD7568-TMS320C25 Interface LDAC FSIN SDIN CLKIN A0 +5V CLR Figure 23 shows an interface circuit for the TMS320C25 digital signal processor. The data on the DX pin is clocked out of the processor's Transmit Shift Register by the CLKX signal. Sixteen-bit transmit format should be chosen by setting the FO bit in the ST1 register to 0. The transmit operation begins when data is written into the data transmit register of the TMS320C25. This data will be transmitted when the FSX line goes low while CLKX is high or going high. The data, starting *ADDITIONAL PINS OMITTED FOR CLARITY Figure 24. Interfacing ADSP-2101 to Two AD7568s REV. B -11- AD7568 For systems which contain larger numbers of AD7568s and where the user also wishes to read back the DAC contents for diagnostic purposes, the SDOUT pin may be used to daisy chain several devices together and provide the necessary serial readback. An example with the 68HC11 is shown in Figure 25. The routine below shows how four AD7568s would be programmed in such a system. Data is transmitted at the MOSI pin of the 68HC11. It flows through the input shift registers of the AD7568s and finally appears at the SDOUT pin of DAC N. So, the readback routine can be invoked any time after the first four words have been transmitted (the four input shift registers in the chain will now be filled up and further activity on the CLKIN pin will result in data being read back to the microcomputer through the MISO pin). System connectivity can be verified in this manner. For a four-device system (32 DACs) a two-line to four-line decoder is necessary. Note that to program the 32 DACs, 35 transmit operations are needed. In the routine, three words must be retransmitted. The first word for DACs #3, #2 and #1 must be transmitted twice in order to synchronize their arrival at the SDIN pin with A0 going low. Table V. Routine for Loading 4 AD7568s Connected As in Figure 25 68HC11* MOSI PC7 SCK PC6 MISO AD7568* (DAC 1) SDIN FSIN SCLK LDAC SDOUT DECODE LOGIC SDIN AD7568* (DAC 2) FSIN SCLK LDAC A0 SDOUT SDIN AD7568* (DAC N) FSIN SCLK LDAC A0 SDOUT *ADDITIONAL PINS OMITTED FOR CLARITY Bring PC7 (FSIN) low to allow writing to the AD7568s. Enable AD7568 #4 (Bring A0 low). Disable the others. Transmit 1st 16-bit word: Data for DAC H, #4 .... .... Transmit 9th 16-bit word: Data for DAC H, #3 Transmit 9th 16-bit word again: Data for DAC H, #3 Transmit 10th 16-bit word: Data for DAC G, #3 Transmit 11th 16-bit word: Data for DAC F, #3 Enable AD7568 #3, Disable the others. Transmit 12th 16-bit word: Data for DAC E, #3 .... .... Transmit 17th 16-bit word: Data for DAC H, #2 Transmit 17th 16-bit word again: Data for DAC H, #2 Transmit 18th 16-bit word: Data for DAC G, #2 Enable AD7568 #2, Disable the others. Transmit 19th 16-bit word: Data for DAC F, #2 .... .... Transmit 25th word: Data for DAC H, #1 Enable AD7568 #1, Disable the others. Transmit 25th word again: Data for DAC H, #1 Transmit 26th word: Data for DAC G, #1 .... .... Transmit 32nd word: Data for DAC A, #1 Bring PC7 (FSIN) high to disable writing to the AD7568s. Figure 25. Multi-DAC System OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 44-Pin PQFP (Suffix S) 0.547 0.01 SQ (13.9 0.25) 0.096 (2.45) MAX 0.031 0.006 (0.8 0.15) 0.394 0.004 SQ (10 0.1) 4 4 33 34 23 22 0.394 0.004 (10 0.1) TOP VIEW PIN 1 44 1 0.036 0.004 (0.92 0.1) 0.079 + 0.004/-0.002 (2 + 0.1/-0.05) 0.036 0.004 (0.92 0.1) 0.014 0.002 (0.35 0.05) 0.031 0.002 (0.8 0.05) 11 12 -12- REV. B PRINTED IN U.S.A. C1565-24-7/91 A0 |
Price & Availability of AD7568 |